Part Number Hot Search : 
NMR118C HA13480S HE891B 74LV14A MC79L15F IRK71 1029B L1025
Product Description
Full Text Search
 

To Download 2950132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? phoenix contact - 11/2009 101174_en_01 interface emg ...-dio .../lp data sheet 1description lamp test circuits, which decouple signals in isolation, should be implemented us ing two module versions: ? the diodes are connected in pairs and can be freely wired to the anode ? the anode of each diode pair is connected to a common connection point figure 1 lamp test circuit (emg 45-dio14m/lp) 2 1 4 3 6 5 8 7 10 9 12 11 14 13 m m l/? l/+ l/+ note: please note that there is no isolation between the individual diode paths within a module. make sure you always use the latest documentation. it can be downloaded at www.phoenixcontact.net/download . this data sheet is valid for all pr oducts listed on the following page: lamp testing modules
emg ...-dio .../lp 101174_en_01 phoenix contact 2 2ordering data 3 technical data lamp testing modules description housing width type order no. pcs./pkt. lamp testing modules , 2 diodes each with common cathode: 4-pair version, for individual wiring 45 mm emg 45-dio 8e/lp 2954798 5 7-pair version, with common co ntrol 45 mm emg 45-dio14m/lp 2950132 5 8-pair version, for individual wiring 90 mm emg 90-dio 16e/lp 2954808 5 16-pair version, with common control 90 mm emg 90-dio 32m/lp 2954785 5 accessories description type order no. pcs./pkt. device marking label emg-gks 12 2947035 50 general data ambient temperature range -20c ? +50c rated insulation voltage according to en 50178 300 v pollution degree according to en 50178 2 surge voltage category according to en 50178 3, basic insulation mounting position any installation can be aligned without spacing height 55 mm length 75 mm connection data conductor cross-section, solid 0.2 mm2 ... 4 mm2 conductor cross-section, stranded 0.2 mm2 ... 2.5 mm2 conductor cross-section, awg 24 - 12 stripping length 8 mm connection method screw connection diode data emg 45-dio 8e/lp, emg 90-dio 16e/lp emg 45-dio14m/lp, emg 90-dio 32m/lp maximum operating voltage u max 250 v ac 250 v ac peak reverse voltage per diode 1300 v 1300 v reverse current per diode 5 a 5 a conducting-state voltage per diode 0.8 v, approximately 0.8 v, approximately conducting-state current per diode with single load with simultaneous load 0.7 a 0.4 a 0.7 a 0.2 a conformance/approvals conformance ce-compliant conformance with low voltag e directive (lvd) 2006/95/ec electronic equipment according to en 50178
emg ...-dio .../lp 101174_en_01 3 phoenix contact gmbh & co. kg ? 32823 blombe rg ? germany ? phone: +49 - 52 35 - 30 0 phoenix contact ? p.o.box 4100 ? harrisburg ? pa 17111-0100 ? usa ? phone: +717-944-1300 www.phoenixcontact.com 4circuit diagram 4.1 lamp testing module, ca n be wired individually figure 2 emg 45-dio 8e/lp figure 3 emg 90-dio 16e/lp 4.2 lamp testing module, negative polarity figure 4 emg 45-dio14m/lp figure 5 emg 90-dio 32m/lp 2 1 3 5 4 68 7 911 10 12 2 1 35 4 68 7 911 10 12 13 16 19 22 14 15 17 18 20 21 23 24 2 1 4 3 6 5 8 7 10 9 12 11 14 13 m m 2 1 4 3 6 5 8 7 10 9 12 11 14 1 3 16 1 5 1 7 1 9 21 2 3 2 5 2 7 2 93 1 m 18 20 22 24 26 28 30 32 m


▲Up To Search▲   

 
Price & Availability of 2950132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X